PART |
Description |
Maker |
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX770-MAX773 |
5V/12V/15V or Adjustable High-Efficiency Low IQ Step-uP DC-DC C
|
Maxim Integrated Products, Inc.
|
MAX766C_D MAX766CPA MAX766CSA MAX766EPA |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
|
Maxim Integrated Products
|
MAX761ESA/G0F MAX761CSAT MAX761CSA-T MAX761ESAT MA |
12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters
|
MAXIM - Dallas Semiconductor
|
MAX770C/D MAX772C/D MAX773C/D MAX773 MAX770 MAX770 |
5V/12V/15V or Adjustable / High-Efficiency / Low IQ / Step-Up DC-DC Controllers 5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
|
Maxim Integrated Products, Inc.
|
MAX761 MAX761CPA MAX761CSA MAX761EPA MAX761ESA MAX |
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters 12V/15V or Adjustable / High-Efficiency / Low IQ / Step-Up DC-DC Converters
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX742CPP 1157 MAX742 MAX742EPP MAX742CWP MAX742EW |
Switch-Mode Regulator with 5V to ±12V or ±15V Dual Output Switch-Mode Regulator with 5V to 【12V or 【15V Dual Output From old datasheet system Switch-Mode Regulator with 5V to 12V or 15V Dual Output
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
LT1086 LT1086CH LT1086CK LT1086CK-12 LT1086CK-5 LT |
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 3.6V/ 5V/ 12V 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LT1109A LT1109A-12 LT1109A-5 LT1109ACN8 LT1109ACN8 |
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V From old datasheet system Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V/ 12V
|
http:// LINER[Linear Technology]
|
|